Part Number Hot Search : 
M1200 AO6403L NTRLPB ALVC16 WNMD2165 NME480 AN2544 02050
Product Description
Full Text Search
 

To Download 87632-3011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0876323011 status: active overview: extreme_powerplus_ssi description: 6.35mm (.250") pitch, power, 2.54mm (.100") pitch, signal, extreme powerplus? p-s-p receptacle, through hole, right angle, with beveled metal pins, 18 circuits, power beta 1, signal 16, power alpha 1, leadfree documents: 3d model product specification ps-87631-006 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 87632 application board-to-board comments no recessed power circuits overview extreme_powerplus_ssi product name extreme powerplus? physical circuits (loaded) 18 circuits detail power beta 1, signal 16, power alpha 1 color - resin black durability (mating cycles max) 100 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 4 orientation right angle pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator no pcb retention yes packaging type tray pitch - mating interface (in) 0.100 in, 0.250 in pitch - mating interface (mm) 2.54 mm, 6.35 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -20c to +105c termination interface: style through hole electrical current - maximum per contact 2.5a, 30a, 50a voltage - maximum 250v dc solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87632 series mates with 87631 extreme powerplus? p-s-p header
duration at max. process temperature (seconds) 10 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info old part number 87632-8011 reference - drawing numbers application specification as-87631-018 product specification ps-87631-006 sales drawing sd-87632-013 this document was generated on 05/21/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 87632-3011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X